PART |
Description |
Maker |
0330800000 |
Modular terminal, accessories, Terminal rail (cable support construction), DIN EN 60715, Aluminium
|
Weidmuller
|
0309220000 0631360000 0340920000 0271120000 029442 |
Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
|
Weidmuller
|
0631360000 0340920000 0294420000 0294480000 029446 |
Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
|
Weidmuller
|
1885180000 1885250000 1885590000 1884680000 188899 |
CONN TERM BLOCK 2POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 9POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 19POS 3.81MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 12POS 5.0MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1683480000 |
Feed-Through Terminal; Number of Positions:1; Wire Size (AWG):12-30; Mounting Type:Clipped; Color:White; Voltage Rating:800V 27 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
102430 |
Terminal Block; Leaded Process Compatible:Yes; Mounting Type:Clipped; Wire Size (AWG):26-12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes MODULAR TERMINAL BLOCK
|
Weidmuller, Corp.
|
1016200000 |
Terminal Block; Wire Size (AWG):22-14; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp 6 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
57.503.0055.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Gray; Current Rating:30A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
|